Part Number Hot Search : 
325HS C4054 AP3201A N120B 18F67 LA383X BAV199 NTC10D11
Product Description
Full Text Search
 

To Download ZPD3V0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ZPD1...ZPD75
SILICON PLANAR ZENER DIODES
Max. 0.5
Max. 1.9
Min. 27.5
Black Cathode Band Black Part No. Black "ST" Brand
XXX
ST
Max. 3.9
Min. 27.5
Glass Case DO-35 Dimensions in mm
Absolute Maximum Ratings (Ta = 25 OC) Parameter
Power Dissipation Junction Temperature Storage Temperature Range
1)
Symbol Ptot Tj TS
Value 500
1)
Unit mW
O
175 - 55 to + 175
C C
O
Valid provided that leads are kept at ambient temperature at a distance of 8 mm from case.
Characteristics at Ta = 25 OC
Parameter Thermal Resistance Junction to Ambient Air
1)
Symbol RthA
Max. 0.3
1)
Unit K/mW
Valid provided that leads are kept at ambient temperature at a distance of 8 mm from case.
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 23/06/2007
ZPD1...ZPD75
Characteristics (Ta = 25 OC unless otherwise noted)
Zener Voltage Range 1) Type ZPD1 3) ZPD2V7 ZPD3V0 ZPD3V3 ZPD3V6 ZPD3V9 ZPD4V3 ZPD4V7 ZPD5V1 ZPD5V6 ZPD6V2 ZPD6V8 ZPD7V5 ZPD8V2 ZPD9V1 ZPD10 ZPD11 ZPD12 ZPD13 ZPD15 ZPD16 ZPD18 ZPD20 ZPD22 ZPD24 ZPD27 ZPD30 ZPD33 ZPD36 ZPD39 ZPD43 ZPD47 ZPD51 ZPD56 ZPD62 ZPD68 ZPD75
1) 2)
Max. Dynamic Resistance rZJT rZJK at IZK mA 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0.5 0.5 0.5 0.5
VZnom V 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75
lZT for mA 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 2.5 2.5 2.5 2.5
VZT
V
0.7...0.8 2.5...2.9 2.8...3.2 3.1...3.5 3.4...3.8 3.7...4.1 4...4.6 4.4...5 4.8...5.4 5.2...6 5.8...6.6 6.4...7.2 7...7.9 7.7...8.7 8.5...9.6 9.4...10.6 10.4...11.6 11.4...12.7 12.4...14.1 13.8...15.6 15.3...17.1 16.8...19.1 18.8...21.2 20.8...23.3 22.8...25.6 25.1...28.9 28...32 31...35 34...38 37...41 40...46 44...50 48...54 52...60 58...66 64...72 70..79
8 83 95 95 95 95 95 78 60 40 10 8 7 7 10 15 20 20 25 30 40 50 50 55 80 80 80 80 90 90 100 100 100 135 150 200 250
50 500 500 500 500 500 500 500 480 400 200 150 50 50 50 70 70 90 110 110 170 170 220 220 220 250 250 250 250 300 700 750 750 1000 1000 1000 1500
Min. Reverse Voltage at IR = 100 nA VR (V) 0.8 1 2 3 5 6 7 7.5 8.5 9 10 11 12 14 15 17 18 20 22.5 25 27 29 32 35 38 42 47 51 55
Admissible Zener Current 2) at Ta = 45 OC IZ (mA) 280 135 117 109 101 92 85 76 67 59 54 49 44 40 36 33 30 28 25 23 20 18 17 16 13 12 10 9 9 8 7 6 6 5.2 4.8 4.1 3.9 at Ta = 25 OC IZ (mA) 340 160 140 130 120 110 100 90 80 70 64 58 53 47 43 40 36 32 29 27 24 21 20 18 16 14 13 12 11 10 9.2 8.5 7.8 7.1 6.4 5.8 5.3
Tested with pulses tp = 20 ms. Valid provided that leads are kept at ambient temperature at a distance of 8 mm from case. 3) The ZPD1 is a silicon diode operated in forward direction. Hence, the subscript of all parameter should be "F" instead of "Z". Connect the cathode terminal to the negative pole.
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 23/06/2007
ZPD1...ZPD75
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 23/06/2007


▲Up To Search▲   

 
Price & Availability of ZPD3V0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X